PART |
Description |
Maker |
AFL5005DW-CH AFL5005DW-ES AFL5005DW-HB AFL5005DX-C |
ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Hi-Rel DC-DC Standard Single Converter in a AFL package Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Dual Serial 12-Bit Multiplying DAC; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Triple Supply Monitor for PCI Applications; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Micropower, Regulated 5V Charge Pump DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DC至DC转换 DC to DC Converter DC至DC转换 Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C DC至DC转换 SIM Power Supplyand Level Translator DC至DC转换
|
http:// IRF[International Rectifier] HIROSE ELECTRIC Co., Ltd. International Rectifier, Corp. Amphenol, Corp.
|
MAX1741EUB MAX1741 MAX1740EUB MAX1740 |
SIM/Smart Card Level Translators in ??AX SIM/Smart-Card Level Translators in µMAX SIM/Smart Card Level Translators in MAX SIM/Smart Card Level Translators in μMAX SIM/Smart Card Level Translators in レMAX SIM/Smart Card Level Translators in uMAX Digital Signal Processors 144-LQFP
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
LTC4555 LTC4555EUD-PBF LTC4555EUD-TRPBF LTC4555EUD |
SIM Power Supply and Level Translator-13
|
Linear Technology
|
LTC1556 LTC1555 LTC1555CGN 15556F LTC1555IGN LTC15 |
SIM Power Supply and Level Translator SIM卡电源和电平转换 From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
MIC4555 MIC4555YML MIC455511 |
SIM Card Level Shifter with 50mA LDO
|
Micrel Semiconductor
|
IP4365CX11_P IP4365CX11 IP4365CX11/P |
Integrated (U)SIM card passive filter array and USB full speed ESD protection to IEC 61000-4-2 level 4
|
NXP Semiconductors
|
40TR12B |
SENSOR / ULTRASONIC / 40KHZ / TRAN
|
Jameco
|
LTC1986ES6 LTC1986 |
3V/5V SIM Power Supply in SOT-23
|
LINER[Linear Technology]
|
SIM2-1515S-SIL7 SIM2-1515D-SIL7 SIM2-1512S-SIL7 SI |
2 W DC/DC SIM-SIL module with 5 V input, 12 V/166 mA output 2 W DC/DC SIM-SIL module with 05 V input, 12 V/82 mA output 2 W DC/DC SIM-SIL module with 5 V input, 5 V/400 mA output From old datasheet system FERRITE EMI PLATE 15MMX15MMX2MM PT 39C 2#16,37#20 PIN PLUG 71-146620-39P FERRITE EMI PLATE 13MMX13MMX2MM FERRITE EMI PLATE 21MMX15MMX2MM 2瓦特超微缩南港岛线模件系 2 Watt Ultra-Miniatur SIL-Modul-Series 2瓦特超微缩南港岛线模件系
|
HN Electronic Components List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
2N7632UC IRHLUC7630Z4 IRHLUC7670Z4 IRHLUC7670Z4-15 |
RADIATION HARDENED60V, Combination 1N-1P-CHANNELLOGIC LEVEL POWER MOSFET RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT Simple Drive Requirements
|
International Rectifier
|
MAX17079GTL |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
Maxim Integrated Products
|
MAX17079GTLT MAX17079GTLTCAZ |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
MAXIM - Dallas Semiconductor
|